PART |
Description |
Maker |
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
NCP553SQ27T1 NCP552 NCP553SQ15T1G NCP553SQ28T1 NCP |
80 mA CMOS Low Iq NOCAP™ Voltage Regulator 80 mA CMOS Low Iq NOCAP Voltage Regulator(80mA CMOS,低IqB>NOCAP稳压 80 mA CMOS Low Iq NOCAP Voltage Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.8 V DROPOUT, PDSO4
|
http:// ONSEMI[ON Semiconductor]
|
MAX4641 MAX4641EGA MAX4641EUA MAX4642 MAX4642EGA M |
High-Speed, Low-Voltage, 4? Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4, Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4з, Dual SPST CMOS Analog Switches High-Speed / Low-Voltage / 4 / Dual SPST CMOS Analog Switches High-Speed.Low-Voltage.4<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Dual SPST CMOS Analog Switches 高速,低电压,4з双通道SPST CMOS模拟开 High-Speed, Low-Voltage, 4蟹, Dual SPST CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
BS62LV2001TI BS62LV2001 BS62LV2001DC BS62LV2001DI |
Very Low Power/Voltage CMOS SRAM 256K X 8 bit Very low power/voltage CMOS SRAM 256K X 8 bit, 70ns Very low power/voltage CMOS SRAM 256K X 8 bit, 100ns
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor]
|
5962-9471601HTC 5962-9471605H8A 5962-9471605H8C 59 |
x32 Flash EEPROM Module Low-Voltage, Phase-Reversal Analog Switch Phase-Reversal Analog Switches Low-Voltage, Bidirectional RF Video Switch CMOS Video Amplifier Precision, 4-Channel/Dual 2-Channel, Low-Voltage, CMOS Analog Multiplexers X32号,闪存EEPROM模块 Dual-Supply, Low On-Resistance, SPST, CMOS Analog Switches X32号,闪存EEPROM模块 Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches X32号,闪存EEPROM模块 Quad, Low-Voltage SPST Analog Switches X32号,闪存EEPROM模块
|
M.S. Kennedy, Corp. STMicroelectronics N.V. Semtech, Corp.
|
FMP1617CA1 FMP1617CA2 FMP1617CA4 FMP1617CA5 FMP161 |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
EM680FV8A |
1M x 8 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions Inc
|
IS62U6416LL IS62U6416LL-20B IS62U6416LL-20KI IS62U |
64K x 16 LOW VOLTAGE, ULTRA-LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc]
|
K6T8008C2M K6T8008C2M-B K6T8008C2M-F K6T8008C2M-RB |
1Mx8 bit Low Power and Low Voltage CMOS Static RAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
IS62WV12816DALL/DBLL IS65WV12816DALL/DBLL |
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution, Inc
|
IS62WV25616ALL-70BI IS62WV25616ALL-70T IS62WV25616 |
256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
|
Integrated Silicon Solution, Inc
|